omp onents 20736 marilla street chatsworth
mcc tm micro commercial components revision: b 2013/01/01 sot-363 j m a c b g h k d l dimensions BC856S pnp plastic-encapsulate features x multi-chip transistor x ultra-small surface mount package maximum ratings @ @ 25 c unless otherwise specified symbol parameter value units off characteristics p d power dissipation @ t a =25 c t j , t stg operating & s torage temperature -55~+150 i cm peak collector current -100 ma -80 v(br)cbo collector-base voltage v transistors 200mw mw 200 e1 b1 c2 c1 b2 e2 BC856S structure schematic diagram www. mccsemi .com 1 of 3 mm dim min max min max note a .006 .014 0.15 0.35 b .045 .053 1.15 1.35 c .085 .096 2.15 2.45 d .026 0.65nominal g .047 .055 1.20 1.40 h .071 .087 1.80 2.20 j --- .004 --- 0.10 k .035 .043 0.90 1.10 l .010 .018 0.26 0.46 m .003 .006 0.08 0.15 o o o c lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 mechanical data case: sot-363 marking: 5ft inches halogen free available upon request by adding suffix "-hf"
revision: b 2013/01/01 electrical characteristics(tamb=25 / unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo ic=-10a,i e =0 -80 v cocto-mtt bakdon ota v (br)ceo ic=-10ma,i b =0 -65 v emtt-bas bakdon ota v (br)ebo i e =-10a,i c =0 -5 v cocto ct-off cnt i cbo v cb =-30v,i e =0 -15 na c cnt an h fe v ce =-5v,i c =-2ma 110 v ce(sat)(1) i c =-10ma,i b =-0.5ma -0.1 v cocto-mtt sataton ota v ce(sat)(2) i c =-100ma,i b =-5ma -0.3 v bas-mtt ota v be (sat) i c =-10v,i b =-0.5ma 0.7 v tanston fnc f t v ce =-5v,i c =-10ma,f=100mhz 1 00 mhz cocto otpt capactanc c ob v cb =-10v,i e =0,f=1mhz 2.5 pf . mccsm .com 2 of 3 mco commca componnts mcc tm bc856 emitter cut-off current i ebo v eb =-5v,i c =0 -100 na
mcc revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel note : adding "-hf" suffix for halogen free, eg. part number-tp-hf
|